Part Number Hot Search : 
305000 BYG24 BYG24 GBP3010 MB90F S9S12X MBT2369 A1284
Product Description
Full Text Search
 

To Download UCW1V220MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
CW
Specifications
Item
Chip Type, Low Impedance, Long Life Assurance
series
Chip type with load life of 7000 hours at +105C. Low impedance temperature range up to +105C. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
CW
Low Impedance
CB
Performance Characteristics
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
- 25 ~ +105C 6.3 ~ 50V 10 ~ 470F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
6.3 0.32
10 0.28 6.3 4
16 0.26 10 3
25 0.16 16 2 25 2
35 0.14 35 2
50 0.14 50 2
Measurement frequency : 120Hz Rated voltage (V)
Stability at Low Temperature
Impedance ratio ZT / Z20 (MAX.)
Z- 25C / Z+20C
Endurance
After 7000 hours' application of rated voltage at 105C , capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
Chip Type
(5 ~ 6.3 )
Voltage ( C : 16V ) Series D 0.5 Plastic platform 0.3MAX. C 0.2 B 0.2 0.5MAX. Positive
Type numbering system (Example : 10V 150F)
U CW 1 A 1 5 1 MC L 1 G S
Capacitance tolerance (20%) Rated Capacitance (150F) Rated voltage (10V) Series name Type
1 2 3 4 5 6 7 8 9 10 11 12 13 14
L 0.3 Lot No. Capacitance H
Negative
Taping code Configuration fD Code 5 6.3 CL 8 10 NL
A 0.2 A 0.2
A2 150C CW
E
(8 ~ 10 )
0.5MAX. Voltage ( V : 35V ) Trade mark Series D 0.5 Plastic platform 0.3MAX. C 0.2
Positive
fD
L
L 0.5 Lot No. Capacitance Pressure relief vent H
Negative
A B C E L H
(mm) 5 7 6.3 7 6.3 8.7 8 10 10 10 3.2 2.9 2.4 2.4 2.1 10.3 8.3 6.6 6.6 5.3 10.3 8.3 6.6 6.6 5.3 4.5 3.1 2.2 2.2 1.3 10 10 8.7 7.0 7.0 0.5 ~ 0.8 0.5 ~ 0.8 0.5 ~ 0.8 0.8 ~ 1.1 0.8 ~ 1.1
Voltage V 6.3 Code j
10 A
16 C
25 E
35 V
50 H
Dimension table in next page.
A 0.2 A 0.2
A2 220V CW
B 0.2
E
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
CWseri
Cap. (F)
es
Dimensions
V Code
6.3 0J
10 1A
5x7 5x7 2.2 95 6.3 x 7 6.3 x 7 6.3 x 7 1.1 140 6.3 x 8.7 6.3 x 8.7 8 x 10 8 x 10
16 1C
2.2 1.1 1.1 1.0 1.0 0.22 0.22 95 140 140 230 230 600 600 8 x 10 8 x 10 10 x 10 5x7 6.3 x 7 6.3 x 7 6.3 x 8.7
25 1E
5x7 2.2 1.1 1.1 1.0 0.22 0.22 0.16 95 140 140 230 600 600 850 8 x 10 10 x 10 5x7 6.3 x 8.7 6.3 x 8.7
35 1V
2.2 2.2 1.0 1.0 95 95 230 230 8 x 10 8 x 10 0.22 0.16 600 850 10 x 10
Case size D x L (mm)
50 1H
10 22 33 47 100 150 220 330 470
100 220 330 470 101 151 221 331 471 6.3 x 8.7 6.3 x 8.7 8 x 10 1.0 1.0 0.22 230 230 600 5x7 6.3 x 7 2.2 1.1 95 140
0.53 0.53 0.35
Impedance
350 350 670
Rated ripple
Max. impedance () at 20C 100kHz, Rated Ripple (mArms) at 105C 100kHz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.35 120 Hz 0.50 300 Hz 0.64 1 kHz 0.83 10 kHz~ 1.00
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UCW1V220MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X